Part Number Hot Search : 
BU252 W12NK 15PFI P6100 DTC643TK A222MP SEF203B PA607UA
Product Description
Full Text Search
 

To Download HCN2C60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shantou Huashan Electronic Devices Co.,Ltd.
HCN2C60
Silicon Controlled Rectifier
Features
* Repetitive Peak Off-State Voltage : 600V * R.M.S On-State Current(IT(RMS)=1.5A) * Low On-State Voltage (1.2V(Typ.)@ ITM)
General Description
Sensitive triggering SCR is suitable for the application where gate current limited such as small motor control, gate driver for large SCR, sensing and detecting circuits.
Absolute Maximum RatingsTa=25 unless otherwise specified
T s t g ----Storage Temperature ------------------------------------------------------ -40~125 T j ----Operating Junction Temperature ---------------------------------------------- -40~125 VDRM ----Repetitive Peak Off-State Voltage -------------------------------------------------------------------- 600V ITRMS----R.M.S On-State Current180 Conduction Angles------------------------------------------1.5A IT(AV) ----Average On-State Current (Half Sine Wave : TC = 45 C) ----------------------------------------1.0A ITSM ----Surge On-State Current (1/2 Cycle, 60Hz, Sine Wave, Non-repetitive) ------------------------I t ----Circuit Fusing Considerations(t = 8.3ms) ----------------------------------------------------------2
15A 2W
0.9A2s
PGM ----Forward Peak Gate Power Dissipation (Ta=25) ---------------------------------------------------
PG(AV) ----Forward Average Gate Power Dissipation (Ta=25,t=8.3ms) ---------------------------------0.1W IFGM ----Forward Peak Gate Current -------------------------------------------------------------------------------- 1A VRGM ----Reverse Peak Gate Voltage ------------------------------------------------------------------------------- 5V
Shantou Huashan Electronic Devices Co.,Ltd.
HCN2C60
Electrical CharacteristicsTa=25 unless otherwise specified
Symbol IDRM VTM IGT Repetitive Current Items Peak Off-State Min. Max. 10 200 1.2 1.7 200 500 0.8 1.2 0.2 5.0 10 50 160 200 Unit VAK=VDRM uA V uA Conditions
Tc=25 Tc=125
ITM=3A,PEAK VAK =6V(DC), RL=100 ohm
Peak On-State Voltage (1) Gate Trigger Current2
Tc=25 Tc= -40
VAK =7V(DC), RL=100 ohm
VGT
Gate Trigger Voltage (2)
V
Tc=25 Tc= -40
VAK =12V, RL=100 ohm
VGD
Non-Trigger Gate Voltage
V
mA
IH Rth(j-c) Rth(j-a) dv/dt
Holding Current Thermal Resistance Thermal Resistance Critical Rate of Rise Off-state Voltage
2.0
Tc=125 IT=100mA,Gate open, Tc=25 Tc= -40
Junction to Case Junction to Ambient VD=VDRM67% exponential Waveform Rjk=1Kohm Tj=125
/W /W V/s
1. Forward current applied for 1 ms maximum duration,duty cycle 1%. 2. RGK current is not included in measurement.
Performance Curves
FIGURE 1 - Gate Characteristics Max. Allowable Case Temperture (c) FIGURE 2 - Maximum CaseTemperture
Gate Voltage (v)
Gate
Current
(mA)
Average On-State Current (mA)
Shantou Huashan Electronic Devices Co.,Ltd.
HCN2C60
FIGURE 4-Thermal Response
FIGURE 3-Typical Forward Voltage(V) Transient Thermal Imperdance (c) On-State Voltage (V) FIGURE 5-Typical Gate Trigger Voltage VS Junction Temperature
On-State Current(A)
Time (sec) FIGURE 6-Typical Gate Trigger Current VS Junction Temperature
Junction Temperature (C) FIGURE 7-Typical Holding Current
Junction Temperature (C) FIGURE 8-Power Dissipation
Holding Current (mA)
Max. Average Power Junction Temperature (C)
Dissipation (W)
Average On-State Current (A)


▲Up To Search▲   

 
Price & Availability of HCN2C60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X